Part Number Hot Search : 
NSG163P GCJ31 XSXR2 AK5365 SIM548 00002 HT12B MA147
Product Description
Full Text Search
 

To Download TMCSC1A156 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TANTALUM ELECTROLYTIC CAPACITORS
TMCS Series (Standard Tantalum Chip Capacitors)
Features * The product is a standard type that has been most widely used among tantalum chip capacitors. The product has high solder heat resistance and is suitable for automatic mounting. * The product is provided with both excellent frequency characteristic and excellent impedance characteristics.
Product specifications
Operating temperature range Rated voltage Surge voltage Derated voltage Capacitance
TMCS -55C ~ +125C DC4 ~ 35V DC5 ~ 45V DC2.5 ~ 22V 0.1 ~ 68F 10% or 20% 0.01 CV or 0.5A,
Test conditions JIS C5101-3-1998
85C 85C 125C
Product symbol : (Example) TMCS Series A case 16V 1F 20%
TMCS A 1C 105 M T R F
Terminal code Packing polarity code Packing method code (T:carrier tape) Capacitance tolerance code Capacitance code Rated voltage code Case size code
Capacitance tolerance
Paragraph 7.8, 120 Hz
Leakage current whichever is larger or less
Paragraph 7.7, in 5 minutes after the rated voltage is applied.
Type of series
0.1 ~ 1.0 tan
0.04 or less Paragraph 7.9, 120Hz 0.06 or less
Outline of drawings and dimensions
Anode indication belt mark
L
1.5 ~ 68
C/C 5% or less Surge withstanding tan Specified initial value or less voltage LC Specified initial value or less
Specified initial value -55 -10 ~ 0% 0.04 0.06 85 125
H
W
Paragraph 7.14
C/C tan
- 0.04
0 ~ +10% 0 ~ +12% 0.05 0.07 0.05 0.07
E case
W a a
A, B, C case Temperature characteristics
a
Value shown table 0.06 or less
Paragraph 7.12
LC
Dimensions
Case code A B C E L0.2 3.2 3.5 5.8 7.3 W0.2 1.6 2.8 3.2 4.30.3 Case size H0.2 1.6 1.9 2.5 2.8 r0.3 0.7 0.8 1.3 1.3
(Unit: mm)
0.01CV or 0.5A or less
--
0.1CV 0.125CV or or 5A or less 6.25A or less
a0.2 1.2 2.2 2.2 2.4
C/C 5% or less Solder heat resistance tan LC Specified initial value or less Specified initial value or less C/C 5% or less Moisture resistance no load tan LC 25 1E 35 1V A A A A B B B C C C E E Specified initial value or less Specified initial value or less C/C 10% or less High-temperature load tan LC Specified initial value or less 125% Specified initial value or less C/C 5% or less Thermal shock tan LC Specified initial value or less Specified initial value or less
Solder Dip A,B case 101 sec. Reflow-260C
2605C C,E case 50.5 sec. 101 sec.
Paragraph 9.5, 40C 90 ~ 95%RH,500hrs
Standard value and case size
Capitance F 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 Code 104 154 224 334 474 684 105 155 225 335 475 685 106 156 226 336 476 686 4 0G 7 0J Rated voltage (V.DC) 10 16 20 1A 1C 1D
Paragraph 9.10, 85C The rated voltage is applied for 2000 hours. Leave at -55C, normal temperature, 125C, and normal temperature for 30 min., 3 min., 30 min., and 3 min. Repeat this operation 20 times running. 40C, humidity 90 to 95%RH The rated voltage is applied for 500 hours. 85C. The rated voltage is applied (through a protective resistor of 1 /V).
A A A A A A B B B C C C E E E E C E C E B C B B
C/C 10% or less Moisture resistance tan 150% Specified initial value or less load LC 125% Specified initial value or less Failure rate 1%/1000hrs
19
Hitachi AIC Inc.
TANTALUM ELECTROLYTIC CAPACITORS
Standard product tables - TMCS series
Standard product table - TMCS series
Rated voltage Capacitance V.DC F 4 3.3 10 33 68 7 2.2 6.8 22 47 10 1.5 4.7 15 33 16 1.0 3.3 10 22 20 0.68 2.2 6.8 15 tan 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.04 0.06 0.06 0.06 0.04 0.06 0.06 0.06 Leakage current A 0.5 0.5 1.3 2.7 0.5 0.5 1.5 3.3 0.5 0.5 1.5 3.3 0.5 0.5 1.6 3.5 0.5 0.5 1.4 3.0 Case code A B C E A B C E A B C E A B C E A B C E Product name TMCSA0G335 TMCSB0G106 TMCSC0G336 TMCSE0G686 TMCSA0J225 TMCSB0J685 TMCSC0J226 TMCSE0J476 TMCSA1A155 TMCSB1A475 TMCSC1A156 TMCSE1A336 TMCSA1C105 TMCSB1C335 TMCSC1C106 TMCSE1C226 TMCSA1D684 TMCSB1D225 TMCSC1D685 TMCSE1D156 Rated voltage Capacitance V.DC F 25 0.47 1.5 4.7 10 35 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 tan 0.04 0.06 0.06 0.06 0.04 0.04 0.04 0.04 0.04 0.04 0.04 0.06 0.06 0.06 0.06 0.06 Leakage current A 0.5 0.5 1.2 2.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 1.2 1.6 2.4 Case code A B C E A A A A B B B C C C E E Product name TMCSA1E474 TMCSB1E155 TMCSC1E475 TMCSE1E106 TMCSA1V104 TMCSA1V154 TMCSA1V224 TMCSA1V334 TMCSB1V474 TMCSB1V684 TMCSB1V105 TMCSC1V155 TMCSC1V225 TMCSC1V335 TMCSE1V475 TMCSE1V685
Lot indication
Marking indication TMCS series
A, B case
Anode indication belt mark
A7A
Lot indication (for manufacturing in January, 2005) Simplified code of nominal capacitance (A7 : 10F) Anode indication belt mark Nominal capacitance Volue (10F)
C, E case
10 16A
Lot indication (for manufacturing in January, 2005) Rated voltage (16V)
Hitachi AIC Inc.
20


▲Up To Search▲   

 
Price & Availability of TMCSC1A156

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X